Part Number Hot Search : 
KSD02 STV2310 2SC942TM BTA312 1MHB5 TSM4936 M2520E AHF3050
Product Description
Full Text Search
 

To Download PALC22V10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This is an abbreviated data sheet. Contact a Cypress representative for complete specifications.
USE ULTRA37000TM FOR
ALL NEW DESIGNS
PALC22V10
Reprogrammable CMOS PAL(R) Device
Features
* Advanced second-generation PAL(R) architecture * Low power -- 55 mA max. "L" -- 90 mA max. standard -- 120 mA max. military * CMOS EPROM technology for reprogrammability * Variable product terms -- 2 x (8 through 16) product terms * User-programmable macrocell -- Output polarity control -- Individually selectable for registered or combinatorial operation * 20, 25, 35 ns commercial and industrial * 25, 30, 40 ns military * Up to 22 input terms and 10 outputs * High reliability -- Proven EPROM technology -- 100% programming and functional testing * Windowed DIP, windowed LCC, DIP, LCC, and PLCC available
Functional Description
The Cypress PALC22V10 is a CMOS second-generation programmable logic array device. It is implemented with the familiar sum-of-products (AND-OR) logic structure and a new concept, the "programmable macrocell."
Logic Block Diagram (PDIP/CDIP)
VSS 12 I 11 I 10 I 9 I 8 I 7 I 6 I 5 I 4 I 3 I 2 CP/I 1
PROGRAMMABLE AND ARRAY (132 X 44) 8 10 12 14 16 16 14 12 10 8
Reset
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Preset
13 I
14 I/O9
15 I/O8
16 I/O 7
17 I/O6
18 I/O5
19 I/O4
20 I/O3
21 I/O2
22 I/O1
23 I/O0
24 VCC
Pin Configuration
LCC/PLCC Top View
I I CP/I NC VCC I/O 0 I/O 1 4 3 2 1 282726 5 I 6 I I NC 7 8 9 I 10 I 11 I 12131415161718 I/O 9 I/O 8 VSS NC I I I 25 24 23 22 21 20 19 I/O 2 I/O 3 I/O 4 NC I/O 5 I/O 6 I/O 7
Cypress Semiconductor Corporation Document #: 38-03052 Rev. *A
*
3901 North First Street
*
San Jose, CA 95134
* 408-943-2600 Revised April 9, 2004
USE ULTRA37000TM FOR ALL NEW DESIGNS
Functional Description
The PALC22V10 is available in 24-pin 300-mil molded DIPs, 300-mil windowed cerDIPs, 28-lead square ceramic leadless chip carriers, 28-lead square plastic leaded chip carriers, and provides up to 22 inputs and 10 outputs. When the windowed cerDIP is exposed to UV light, the 22V10 is erased and can then be reprogrammed. The programmable macrocell provides the capability of defining the architecture of each
PALC22V10
output individually. Each of the 10 potential outputs may be specified as registered or combinatorial. Polarity of each output may also be individually selected, allowing complete flexibility of output configuration. Further configurability is provided through array-configurable output enable for each potential output. This feature allows the 10 outputs to be reconfigured as inputs on an individual basis, or alternately used as a combination I/O controlled by the programmable array.
Ultra37000 is a trademark of Cypress Semiconductor Corporation. PAL is a registered trademark of Advanced Micro Devices. All product and company names mentioned in this document may be the trademarks of their respective holders.
Document #: 38-03052 Rev. *A
Page 2 of 3
(c) Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
USE ULTRA37000TM FOR ALL NEW DESIGNS
Document History Page
Document Title: PALC22V10 Reprogrammable CMOS PAL(R) Device Document Number: 38-03052 REV. ** *A ECN NO. 116859 213375 Issue Date 06/28/02 See ECN Orig. of Change DSG FSG Description of Change Change from Spec number: 38-00020 to 38-03052
PALC22V10
Added note to title page: "Use Ultra37000 For All New Designs"
Document #: 38-03052 Rev. *A
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of PALC22V10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X